|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DAN217U Diodes Switching diode DAN217U Application Ultra high speed switching External dimensions (Unit : mm) Land size figure (Unit : mm) 1.3 2.00.2 0.30.1 Features 1) Ultra small mold type. (UMD3) 2) High reliability. (3) 1.250.1 2.10.1 0.9MIN. Each lead has same dimension 0.150.05 0.65 0.8MIN 00.1 0.1Min Construction Silicon epitaxial planar (2) 0.65 0.65 (1) UMD3 1.30.1 0.70.1 0.90.1 Structure ROHM : UMD3 JEDEC : SOT-323 JEITA : SC-70 dot (year week factory) Taping specifications (Unit : mm) 4.00.1 2.00.05 1.550.05 0.30.1 1.750.1 3.50.05 8.00.2 2.40.1 5.50.2 2.250.1 0 4.00.1 0.50.05 00.1 2.40.1 1.250.1 Absolute maximum ratings (Ta=25C) Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Forward current (Single) Average rectified forward current (Single) Surge curretnt t=1us Power dissipation Junction temperature Storage temperature Symbol VRM VR IFM Io Isurge Pd Tj Tstg Limits 80 80 300 100 4 200 150 -55 to +150 Unit V V mA mA A mW Electrical characteristics (Ta=25C) Parameter Forward voltage Reverse current Capacitance between terminals Reverse recovery time Symbol VF IR Ct trr Min. Typ. Max. 1.2 0.2 3.5 4 Unit V A pF ns Conditions IF=100mA VR=70V VR=6V , f=1MHz VR=6V , IF=5mA , RL=50 Rev.B 1.6 1/2 DAN217U Diodes Electrical characteristic curves (Ta=25C) Ta=150 100 Ta=75 Ta=125 10000 1000 Ta=125 2.5 2.4 Ta=25 VR=0V f=1MHz n=10pcs FORWARD CURRENT:IF(mA) REVERSE CURRENT:IR(nA) 10 Ta=150 Ta=25 Ta=-25 CAPACITANCE BETWEEN TERMINALS:Ct(pF) Ta=75 100 Ta=25 10 1 0.1 0.01 0 10 20 30 40 50 60 70 REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS 80 Ta=-25 2.3 2.2 2.1 2 1.9 1.8 1.7 1.6 AVE:1.981pF 1 0.1 0 100 200 300 400 500 600 700 800 900 100 0 1.5 REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS FORWARD VOLTAGEVF(mV) VF-IF CHARACTERISTICS 950 100 Ta=25 IF=100mA n=30pcs 90 Ta=25 VR=80V n=10pcs 2.5 2.4 Ta=25 VR=0V f=1MHz n=10pcs FORWARD VOLTAGE:VF(mV) REVERSE CURRENT:IR(nA) CAPACITANCE BETWEEN TERMINALS:Ct(pF) 940 80 70 60 50 40 30 20 10 0 AVE:9.655nA 2.3 2.2 2.1 2 1.9 1.8 1.7 1.6 1.5 AVE:1.981pF 930 920 910 AVE:921.7m 900 VF DISPERSION MAP IR DISPERSION MAP Ct DISPERSION MAP 20 10 5 PEAK SURGE FORWARD CURRENT:IFSM(A) 15 8.3ms 10 8 7 6 5 4 3 2 1 0 AVE:1.93ns PEAK SURGE FORWARD CURRENT:IFSM(A) Ifsm 1cyc RESERVE RECOVERY TIME:trr(ns) 9 Ta=25 VR=6V IF=5mA RL=50 n=10pcs 4 Ifsm 8.3ms 8.3ms 3 1cyc 2 5 AVE:3.50A 0 IFSM DISRESION MAP 1 0 1 trr DISPERSION MAP 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 100 100 1000 Ifsm t 10 TRANSIENT THAERMAL IMPEDANCE:Rth (/W) Rth(j-a) ELECTROSTATIC DISCHARGE TEST ESD(KV) 9 8 7 6 5 4 3 2 1 0 C=200pF R=0 C=100pF R=1.5k AVE:0.97kV AVE:2.54kV PEAK SURGE FORWARD CURRENT:IFSM(A) 100 10 Rth(j-c) Mounted on epoxy board 10 IM=1mA IF=10mA 1ms time 1 0.1 TIME:t(ms) IFSM-t CHARACTERISTICS 1 10 100 1 0.001 300us TIME:t(s) Rth-t CHARACTERISTICS 0.1 10 1000 ESD DISPERSION MAP Rev.B 2/2 Appendix Notes No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design. The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction. Appendix1-Rev1.1 |
Price & Availability of DAN217U |